Part Number Hot Search : 
49967 UPD63200 940905 ICM108B H5TQ1 MBR13 OA2NP34S IL4217
Product Description
Full Text Search
 

To Download SF82 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low leakage low forward voltage drop high current capability super-fast switching speed < 35ns plastic material - ul flammability classification 94v-0 good for 200khz power supplier case: to-220ac, molded plastic approx weight: 2.24 grams mounting position: any ratings at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derated current 20%. maximum ratings and electrical characteristics symbol sf81 SF82 sf83 sf84 unit maximum recurrent peak reverse voltage v rrm 50 100 150 200 v maximum rms voltage v rms 35 70 105 140 v maximum dc blocking voltage v dc 50 100 150 200 v maximum average forward rectified current @ t c = 125c i (av) 8.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fm 125 a maximum instantaneous forward voltage at 8.0a dc v f 0.975 v maximum dc reverse current @ t a = 25c at rated dc blocking voltage @ t a = 100c i r 10 150  a typical thermal resistance r  jc 3 c/w maximum reverse recovery time (note 2) t rr 35 ns typical junction capacitance (note 3) c j 65 pf operating and storage temperature range t j ,t stg -65 to +175 c notes: 1.thermal resistance junction to ambient vertical pc board mounting 12.7 mm lead length. 2. reverse recovery test conditions: i f =0.5 a, i r =1.0 a, i rr =0.25a 3. measured at 1.0mhz and applied reverse voltage of 4.0v. type number sf81-sf84 8.0a super fast recovery rectifier          features mechanical data dimensions in inches and (millimeters) to-220ac .412(10.5) max .185(4.70) .175(4.44) .055(1.40) .045(1.14) .27(6.86) .23(5.84) .11(2.79) .10(2.54) .025(0.64) .014(0.35) .154(3.91) .148(3.74) dia pin1 2 .113(2.87) .103(2.62) .16(4.06) .14(3.56) .037(0.94) .027(0.68) .205(5.20) .195(4.95) .594(15.1) .587(14.9) .56(14.22) .53(13.46) pin 1 pin 2 case http://www.luguang.cn mail:lge@luguang.cn
0 25 50 75 100 125 150 1 10 100 8.3 ms half sine-wave jedec method peak forward surge current (amperes) number of cycles at 60 hz fi g . 2 maximum non-repetitive sur g e current 0.1 1.0 10 100 1000 0204060 80 100 120 140 t = 100oc c t = 25oc c instantaneous reverse current (mamperes ) percent of rated peak reverse voltage fi g .3 t y pical reverse characteristics 0.1 1.0 10 40 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 tj = 25oc pulse width - 300 ms 2% duty cycle instantaneous forward current (amperes ) instantaneous forward voltage (volts) fi g .4 t y pical instantaneous forward characteristics 20 30 40 50 60 70 80 90 1 10 100 1000 junction capacitance (pf) reverse voltage (volts) fi g .5t y pical junction capacitance tj = 25oc 0 2 4 6 8 10 0 50 100 150 180 average forward current (amperes) case temperature (oc) fi g . 1 forward current deratin g curve single phase half-wave 60 hz resistive or inductive load sf81-sf84 8.0a super fast recovery rectifier


▲Up To Search▲   

 
Price & Availability of SF82

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X